Part Number Hot Search : 
50094 5318S21 SSM3K14 SMAJ4759 2SK3703 WP934 C3220VSC 4BTET01
Product Description
Full Text Search
 

To Download CD1-1K0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tecate industries 858.513.2300 fax 858.513.2345 web site: www.tecategroup.com 156 c ceramic capacitors part numbering system cd - 1ko / 103 z 0z5v 1 e tr ceramic disc computer code tr = tape/reel t a = tape/ammo ? = bulk max diameter only if required lead spacing mm (in) a- 2.5 (.1) b- 5.0 (.2) c- 6.35 (.25) d- 7.5 (.3) e- 9.5 (.37) f- 10 (.4) rated nominal standard t.c. temperature voltage capacitance tolerances coefficient ( v ) first two digits are f = 1% operating range -012 significant, third digit is j = 5% class ll & lll -016 the number of zeros to k = 10% -025 be added. m = 20% first second third -050 103 =10,000pf = 0.01uf digit digit digit -100 z = +80 - 20% low high % ? -250 1r0 = 1 pf p = +100 - 0% temp temp cap. -500 3r3 = 3.3 pf (g.m.v.) ?? ? -1k0 100 = 10 pf z +10c 4 + 65c f 7.5 -2k0 220 = 22 pf b = 0.1 pf y - 30c 5 + 85c p 10 -3k0 101 = 100 pf c = 0.25 pf x - 55c 6 + 105c r 15 221 = 220 pf d = 0.5 pf 7 + 125c s 22 102 = 1000 pf t + 22 222 = 2200 pf operating range - 33 103 = .01 uf u + 22 223 = .022 uf class i -56 104 = .1 uf -30c to +85c v + 22 224 = .22 uf npo ? n1500 -82 sl (n330 500ppm) .com .com .com .com 4 .com u datasheet
tecate industries 858.513.2300 fax 858.513.2345 web site: www.tecategroup.com 157 c ceramic capacitors disc capacitor reference data class 1 series (t.c. type) npo, n150, n1500, sl. . . capacitance test frequency: 1 mhz 100khz for<1000pf. applications: 1 khz 100hz for>1000pf.  resonant circuit. test voltage: shall not exceed 1 0.2 vrms.  high q. requirement. test temperature: 25 2c  high stability capacitor charactoristics. disipation factor: < 0.1 @ 25c quality factor(q). for npo to n1500 when c < 30pf q = 400 + 20 x cpf. c > 30pf q > 1000. over n1500 when c < 30pf q = 200 + 10 x cpf. c > 30pf q > 500. for c above 1000pf at 1 khz df 0.2% max insulation resistance 10000 m ? min. shall be measured after 1 minute at rated voltage. dielectric withstanding voltage capacitors shall withstand, for not less than 1 second, a d.c. test voltage of 2.5 times rated working voltage. class 2 series (hl-k type) y5f, y5p, z5u. . . capacitance test frequency: 1 khz applications: test voltage: 1 0.2 vrms.  by-pass and coupling. test temperature: 25 2c  frequency discriminating where ?q? and stability of capacitor charactoristics are dissipation factor(df) not major importance the df shall not be greater than 2.5%. insulation resistance 7500 m ? min. shall be measured after 1 minute at rated voltage. dielectric withstanding voltage capacitors shall withstand, for not less than 1 second, a d.c. test voltage of 2.5 times rated working voltage. class 3 series (s.c. type) y5r, y5t, y5v. . . smaller sizes than class-2, but lower ??q?? capacitance test frequency: 1 khz at 25 2c. applications: test voltage: not greater than 0.1 vrms.  transistorized.  low voltage electronic circuits for dissipation factor by-pass coupling. at 3 vdc shall not exceed 5%, above 3 vdc shall not exceed 8%. insulation resistance 3.0 vdc-0.004m ? -mfd 10-12 vdc-0.04m ? -mfd. 16-24 vdc-0.10m ? -mfd 25-50 vdc-1,00m ? -mfd. .com .com .com .com .com 4 .com u datasheet
tecate industries 858.513.2300 fax 858.513.2345 web site: www.tecategroup.com 158 c ceramic capacitors capacitance tolerance disc capacitor reference data code t olerance value apply t.c. remark c 0.25pf npo - n750 for smaller than 10pf d 0.50pf npo - n750 for smaller than 10pf f 1.00pf npo - n750 for smaller than 10pf j 5% npo - n3300 for over 10pf k 10% npo - n 3300 (y5f, y5p) for over 10pf m 20% npo - n3300 (y5f, y5p) for over 10pf s +50%-20% y5u, z5u, z5v. z +80%-20% y5u, z5u, z5v. p +100%-0 y5u, z5u, z5v. (y5u, z5u) t.c. chart .com .com .com .com .com 4 .com u datasheet
tecate industries 858.513.2300 fax 858.513.2345 web site: www.tecategroup.com 159 c ceramic capacitors body diameter d 10.0 max. body thickness t 3.5 max. lead-wire diameter d 0.6 0.05 0.5 0.05 for cp wires pitch of component p 12.7 1.0 feed hole pitch p 0 12.7 0.3 cumulative pitch error: 1.0mm/20 pitch feed hole center to lead p 1 3.85 0.7 hole center to component center p 2 6.35 1.3 lead-to-lead distance f 5.0 0.8 component alignment, f-r ? h 0 2.0 mm tape width w 18.0 0.5 hold-down tape width w 0 11.0 min. hole position w 1 9.0 0.5 hold-down tape position w 2 3.0 max. height of component from tape center h 20.0 1 component height h 1 32.25 max. lead-wire protrusion 2.0 max. feed hole diameter d o 4.0 0.3 total tape thickness t 0.7 0.2 ground paper: 0.5 + 0.1mm length of snipped lead l 11.0 max. coating rundown on leads c 2.0 max. ceramic disc taping specifications item symbol specification remarks .com .com .com .com .com 4 .com u datasheet
tecate industries 858.513.2300 fax 858.513.2345 web site: www.tecategroup.com 160 c ceramic capacitors disc npo, neg. tc, sl diameter temperature characteristic d? 1m/m npo n75 n150 n220 n330 n470 n750 sl(gp) n1500 4 1-24 1-12 1-24 1-27 1-27 1-33 1-43 1-68 27-56 5 25-47 13-22 25-47 28-47 28-47 34-47 44-82 72-100 62-100 6 50-100 24-33 50-100 50-100 50-100 50-100 83-100 120-220 120-220 8 120-150 35-68 120-150 120-150 120-150 120-150 120-150 250-470 250-470 10 180-220 72-130 180-220 180-220 180-220 180-220 180-250 500-620 500-620 12 250-300 140-180 250-300 250-300 250-300 250-300 270-390 680-1000 620-1000 100wvdc & under (pf) diameter temperature characteristic d? 1m/m npo n75 n150 n220 n330 n470 n750 sl(gp) n1500 5 1-22 1-15 1-22 1-22 1-22 1-22 1-27 1-47 27-47 6 25-39 18-22 25-39 25-39 25-39 25-39 30-39 50-100 50-100 8 47-82 25-47 47-82 47-82 47-82 47-82 40-82 120-180 120-180 10 91-120 50-68 91-120 91-120 91-120 91-120 91-150 200-330 200-330 12 150-220 72-120 150-220 150-220 150-220 150-220 180-220 350-500 350-500 500wvdc diameter temperature characteristic d? 1m/m npo n150 n220 n330 n470 n750 sl(gp) 5 1-15 1-15 1-15 1-15 1-15 1-22 1-47 6 18-33 18-33 18-33 18-33 18-33 24-39 50-100 8 35-68 35-68 35-68 35-68 35-68 40-82 120-180 10 72-120 72-120 72-120 72-120 72-120 91-150 200-330 12 150-180 150-180 150-180 150-180 150-180 180-220 350-500 1kwvdc cd class 1 .com .com .com .com .com 4 .com u datasheet
tecate industries 858.513.2300 fax 858.513.2345 web site: www.tecategroup.com 161 c ceramic capacitors diameter temperature characteristic d? 1m/m y5f y5p z5u z5v 4 100-470 200-1000 1000-2700 1000-5000 5 500-680 1200-1500 3000-3900 5600-8200 6 820-1000 1800-2200 4000-5600 10000 8 1200-2700 2500-5600 6800-10000 22000-33000 10 3000-5600 6200-10000 22000-100000 40000-100000 disc hi-k, y5f, y5p, z5u to z5v 100wvdc & under (pf) diameter temperature characteristic d? 1m/m y5f y5p z5u z5v 5 100-330 200-560 1000-3000 2000-3300 6 350-500 620-1000 3300-3900 3900-4700 8 560-1200 1200-2200 4700-6800 5000-8200 10 1500-2200 2500-3900 8200-10000 10000-15000 12 2500-3300 4000-5600 12000-15000 20000 14 3500-5000 6200-10000 18000-33000 22000-50000 500wvdc diameter temperature characteristic d? 1m/m y5f y5p z5u z5v 5 100-220 100-500 500-1200 1000-2200 6 250-500 560-1000 1500-2200 2500-3300 8 560-1200 1200-2000 2500-5000 3500-5600 10 1500-2000 2200-3300 5000-8200 6200-10000 12 2200-3000 3500-5000 10000-12000 14 3300-3900 5600-6800 15000-18000 16 4200-5600 7200-10000 20000-22000 1kwvdc voltages values for sizes of tc not listed above, consult factory or area representative. cd class 2 .com .com .com .com .com 4 .com u datasheet
tecate industries 858.513.2300 fax 858.513.2345 web site: www.tecategroup.com 162 c ceramic capacitors diameter temperature characteristic d? 1m/m y5r y5t y5u 5 .001-.0056 .01-.022 6 .0068-.015 .01-.022 .033-.047 8 .018-.022 .033-.047 .056-.1 10 .0027 -.047 .056-.1 diameter temperature characteristic d? 1m/m y5r y5t y5u y5v 5 .001-.01 .01-.022 .01-.033 .01-.022 6 .012-.022 .033-.047 .047 .033-.1 8 .027-.047 .068-.1 .068-.1 10 .056-.1 diameter temperature characteristic d? 1m/m y5r y5t y5u y5v 5 .001-.022 .01-.033 .01-.033 .01-.047 6 .027-.047 .047 .047 .068-.1 8 .056-.1 .068-.1 .068-.1 10 .22 disc sc, small sizes, y5r to y5v 3.0 wvdc - 16 wvdc 25 wvdc 50 wvdc (mfd) cd class 3 .com .com .com .com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of CD1-1K0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X